| Moteur de recherche de fiches techniques de composants électroniques |
|
54LS10W Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
54LS10W Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLF6349 June 1989 54LS10DM54LS10DM74LS10 Triple 3-Input NAND Gates General Description This device contains three independent gates each of which performs the logic NAND function Features Y Alternate MilitaryAerospace device (54LS10) is avail- able Contact a National Semiconductor Sales Office Distributor for specifications Connection Diagram Dual-In-Line Package TLF6349 – 1 Order Number 54LS10DMQB 54LS10FMQB 54LS10LMQB DM54LS10J DM54LS10W DM74LS10M or DM74LS10N See NS Package Number E20A J14A M14A N14A or W14B Function Table Y e ABC Inputs Output AB C Y XX L H XL X H LX X H HH H L H e High Logic Level L e Low Logic Level X e Either Low or High Logic Level C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Numéro de pièce similaire - 54LS10W |
|
Description similaire - 54LS10W |