Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B0520WS Fiches technique(PDF) 2 Page - Jinan Jingheng (Group) Co.,Ltd

No de pièce B0520WS
Description  SOD-323 Plastic-Encapsulate Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Site Internet  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

B0520WS Fiches technique(HTML) 2 Page - Jinan Jingheng (Group) Co.,Ltd

  B0520WS Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd B0520WS Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B0520WS/B0530WS/B0540WS
特性曲线
Characteristic Curves
SOD-323 PACKAGE OUTLINE Plastic surface mounted package
SOD-323
Symbol
Min.(mm)
Max.(mm)
A
1.000
A1
0.000
0.100
A2
0.800
0.900
b
0.250
0.350
c
0.080
0.150
D
1.200
1.400
E
1.600
1.800
E1
2.500
2.700
L
0.475REF
L1
0.250
0.400
θ
0º
8º
JINAN JINGHENG ELECTRONICS CO., LTD.
2-2
HTTP://WWW.JINGHENGGROUP.COM



Html Pages

1 2