| Moteur de recherche de fiches techniques de composants électroniques |
|
TLE4276DV Fiches technique(PDF) 13 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4276DV Fiches technique(HTML) 13 Page - Infineon Technologies AG |
|
13 / 19 page ![]() TLE 4276 Data Sheet Version 2.2 13 2000-10-11 Output Voltage V Q versus Temperature T j Low Voltage Behavior Current Consumption I q versus Input Voltage V I High Voltage Behavior AED03018 -40 040 80 120 ˚C 160 7.5 j T Q V 8.0 8.5 9.0 V V I = 13.5 V 6 4 08 0 2 4 R T Q V Q V 8 Ι = V V 10 12 V 16 12 20 V Ι = 25 C = 34 L j Ω AED01972 Q V AED03025 0 10 20 30 40 V50 0 10 20 30 mA 25 15 5 I V Iq Tj = 25 ˚C L R = 34 Ω AED03080 -50 -2 I V I I T = 25 ˚C L R = 10 k -25 0 25 50 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 mA V Ω j Typical Performance Characteristics for V85: |