Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SWCS049C Fiches technique(PDF) 36 Page - Texas Instruments

No de pièce SWCS049C
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049C Fiches technique(HTML) 36 Page - Texas Instruments

Back Button SWCS049C Datasheet HTML 32Page - Texas Instruments SWCS049C Datasheet HTML 33Page - Texas Instruments SWCS049C Datasheet HTML 34Page - Texas Instruments SWCS049C Datasheet HTML 35Page - Texas Instruments SWCS049C Datasheet HTML 36Page - Texas Instruments SWCS049C Datasheet HTML 37Page - Texas Instruments SWCS049C Datasheet HTML 38Page - Texas Instruments SWCS049C Datasheet HTML 39Page - Texas Instruments SWCS049C Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 119 page
background image
SWCS049-004
PWRHOLD
VIO
LDO5
VDD2
VDD1
LDO4
LDO3
LDO8
LDO6
CLK32KOUT
NRESPWRON
t
pd2
t
dsON1
t
dsON2
t
dsON3
t
dsON4
t
dsON5
t
dsON6
t
dsON16
t
pd1
Switch-off sequence
t
: Switch-on sequence
ond
NRESPWRON2
t
dsON15
i
36
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Specifications
Copyright © 2010–2016, Texas Instruments Incorporated
5.23 Timing and Switching Characteristics
5.23.1 Switch-ON and Switch-OFF Sequences and Timing
An example boot sequence is described in this chapter. Each TPS65911x device supports a dedicated
EEPROM boot sequence to match specific processor requirements. Fixed boot mode is the same in all
TPS65911x devices. Boot mode selection is described in Section 6.3.2, BOOT Configuration and Switch-
ON or Switch-OFF Sequences.
NOTE: Figure 5-1 is for illustrative purposes only and does not describe any actual TPS65911x part number.
Figure 5-1. Boot Sequence Example With 2-ms Time Slot and Simultaneous Switch-Off of Resources
Table 5-1. Switching Characteristics for Boot Sequence Example
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tdsON1
PWRHOLD rising edge to VIO, LDO5 enable delay
66 × tCK32k = 2060
µs
tdsON2
VIO to VDD2 enable delay
64 × tCK32k = 2000
µs
tdsON3
VDD2 to VDD1 enable delay
64 × tCK32k = 2000
µs
tdsON4
VDD1 to LDO4 enable delay
64 × tCK32k = 2000
µs
tdsON5
LDO4 to LDO3, LDO8 enable delay
64 × tCK32k = 2000
µs
tdsON6
LDO3 to LDO6 enable delay
64 × tCK32k = 2000
µs
tdsON7
LDO6 to CLK32KOUT rising-edge delay
9 × 64 × tCK32k = 18000
µs
tdsON16
CLK32KOUT to NRESPWON, NRESPWON2 rising-
edge delay
64 × tCK32k = 2000
µs
tdsONT
Total switch-on delay
32
ms
tpd1
PWRHOLD falling edge to NRESPWON,
NRESPWON2 falling-edge delay
2 × tCK32k = 62.5
µs
tpd1b
NRESPWON falling edge to CLK32KOUT low delay
3 × tCK32k = 92
µs
tpd2
PWRHOLD falling edge to supplies and reference
disable delay
5 × tCK32k = 154
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More