| Moteur de recherche de fiches techniques de composants électroniques |
|
TLE4726 Fiches technique(PDF) 10 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4726 Fiches technique(HTML) 10 Page - Infineon Technologies AG |
|
10 / 23 page ![]() TLE 4726 Data Sheet 10 1999-09-15 Output Saturation Voltages V sat versus Output Current I Q Typical Power Dissipation P tot versus Output Current I Q (Non Stepping) Forward Current I F of Free-Wheeling Diodes versus Forward Voltages V F Permissible Power Dissipation P tot versus Case Temperature T C 0 0 0.5 0.2 0.4 0.6 1.0 V 1.5 V F Ι F 0.8 A T j 1.0 = 25 C Fl VV Fu IED01167 P-DSO-24 P-DIP-20 Measured at pin 5. IED01660 0 6 8 W tot P 12 100 -25 0 50 25 75 C 175 T c 10 4 2 125 |