Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Z80 Fiches technique(PDF) 48 Page - Zilog, Inc.

No de pièce Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Fiches technique(HTML) 48 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 44Page - Zilog, Inc. Z80 Datasheet HTML 45Page - Zilog, Inc. Z80 Datasheet HTML 46Page - Zilog, Inc. Z80 Datasheet HTML 47Page - Zilog, Inc. Z80 Datasheet HTML 48Page - Zilog, Inc. Z80 Datasheet HTML 49Page - Zilog, Inc. Z80 Datasheet HTML 50Page - Zilog, Inc. Z80 Datasheet HTML 51Page - Zilog, Inc. Z80 Datasheet HTML 52Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Counter/Timer Channels

Figure 13.
Return from Interrupt Cycle
Daisy-Chain Interrupt Servicing
Figure 14 illustrates a typical nested interrupt sequence that may occur in
the CTC. In this example, Channel 2 interrupts and is granted service.
While this channel is being serviced, higher priority Channel 1 interrupts
and is granted service. The service routine for the higher priority channel is
completed, and a RETI instruction is executed to signal the channel that its
routine is complete (see “Return from Interrupt Cycle” on page 29 for
further details). At this time, the service routine of the lower priority
Channel 2 is resumed and completed.
IEO
CLK
INT
IEI
RD
M1
T1
T2
T3
T4
D7–D0
*INT goes Low if more interrupts are pending on the RTC.
T1
T2
T3
T4
T1
ED
4D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More