| Moteur de recherche de fiches techniques de composants électroniques |
|
54LS04M Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
54LS04M Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLF6345 June 1989 54LS04DM54LS04DM74LS04 Hex Inverting Gates General Description This device contains six independent gates each of which performs the logic INVERT function Features Y Alternate MilitaryAerospace device (54LS04) is avail- able Contact a National Semiconductor Sales Office Distributor for specifications Connection Diagram Dual-In-Line Package TLF6345 – 1 Order Number 54LS04DMQB 54LS04FMQB 54LS04LMQB DM54LS04J DM54LS04W DM74LS04M or DM74LS04N See NS Package Number E20A J14A M14A N14A or W14B Function Table Y e A Input Output AY LH HL H e High Logic Level L e Low Logic Level C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Numéro de pièce similaire - 54LS04M |
|
Description similaire - 54LS04M |