Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54LS151 Fiches technique(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce 54LS151
Description  Data Selector/Multiplexer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

54LS151 Fiches technique(HTML) 1 Page - National Semiconductor (TI)

  54LS151 Datasheet HTML 1Page - National Semiconductor (TI) 54LS151 Datasheet HTML 2Page - National Semiconductor (TI) 54LS151 Datasheet HTML 3Page - National Semiconductor (TI) 54LS151 Datasheet HTML 4Page - National Semiconductor (TI) 54LS151 Datasheet HTML 5Page - National Semiconductor (TI) 54LS151 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF6392
June 1989
54LS151DM54LS151DM74LS151
Data SelectorMultiplexer
General Description
This data selectormultiplexer contains full on-chip decod-
ing to select the desired data source The ’LS151 selects
one-of-eight data sources The ’LS151 has a strobe input
which must be at a low logic level to enable these devices
A high level at the strobe forces the W output high and the
Y output low
The ’LS151 features complementary W and Y outputs
Features
Y
Select one-of-eight data lines
Y
Performs parallel-to-serial conversion
Y
Permits multiplexing from N lines to one line
Y
Also for use as Boolean function generator
Y
Typical average propagation delay time data input to W
output 125 ns
Y
Typical power dissipation 30 mW
Y
Alternate MilitaryAerospace device (54LS151) is avail-
able Contact a National Semiconductor Sales Office
Distributor for specifications
Connection Diagram
Dual-In-Line Package
TLF6392 – 1
Order Number 54LS151DMQB 54LS151FMQB 54LS151LMQB
DM54LS151J DM54LS151W DM74LS151M or DM74LS151N
See NS Package Number E20A J16A M16A N16E or W16A
Truth Table
Inputs
Outputs
Select
Strobe
YW
CBA
S
XXX
H
L
H
L
L
L
L
D0
D0
L
L
H
L
D1
D1
L
H
L
L
D2
D2
L
H
H
L
D3
D3
H
L
L
L
D4
D4
H
L
H
L
D5
D5
H
H
L
L
D6
D6
H
H
H
L
D7
D7
H e High Level L e Low Level X e Don’t Care
D0 D1D7 e the level of the respective D input
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Numéro de pièce similaire - 54LS151

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
54LS151 MOTOROLA-54LS151 Datasheet
174Kb / 5P
8-INPUT MULTIPLEXER
More results

Description similaire - 54LS151

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALS157 PHILIPS-74ALS157 Datasheet
109Kb / 9P
Data selector/multiplexer
1991 Feb 08
74ALS257 PHILIPS-74ALS257 Datasheet
129Kb / 11P
Data selector/multiplexer
1991 Feb 08
logo
System Logic Semiconduc...
SL74HC151 SLS-SL74HC151 Datasheet
57Kb / 5P
8-Input Data Selector/Multiplexer
logo
Fairchild Semiconductor
DM74LS253 FAIRCHILD-DM74LS253 Datasheet
56Kb / 6P
3-STATE Data Selector/Multiplexer
logo
Integral Corp.
IN74ACT151 INTEGRAL-IN74ACT151 Datasheet
194Kb / 5P
8-INPUT DATA SELECTOR/MULTIPLEXER
IN74HC151 INTEGRAL-IN74HC151 Datasheet
160Kb / 5P
8-INPUT DATA SELECTOR/MULTIPLEXER
logo
Motorola, Inc
MC74HC151 MOTOROLA-MC74HC151 Datasheet
91Kb / 6P
8-INPUT DATA SELECTOR / MULTIPLEXER
MC74HC153 MOTOROLA-MC74HC153 Datasheet
180Kb / 5P
Dual 4-Input Data Selector/Multiplexer
logo
ON Semiconductor
MC74HC251ADG ONSEMI-MC74HC251ADG Datasheet
146Kb / 9P
8-Input Data Selector Multiplexer with
January, 2010 ??Rev. 0
MC74HC151A ONSEMI-MC74HC151A Datasheet
97Kb / 7P
8-Input Data Selector/Multiplexer
June, 2015 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6