Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9993-EBZ Fiches technique(PDF) 55 Page - Analog Devices

No de pièce AD9993-EBZ
Description  Integrated Mixed-Signal Front End (MxFE)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9993-EBZ Fiches technique(HTML) 55 Page - Analog Devices

Back Button AD9993-EBZ Datasheet HTML 48Page - Analog Devices AD9993-EBZ Datasheet HTML 49Page - Analog Devices AD9993-EBZ Datasheet HTML 50Page - Analog Devices AD9993-EBZ Datasheet HTML 51Page - Analog Devices AD9993-EBZ Datasheet HTML 52Page - Analog Devices AD9993-EBZ Datasheet HTML 53Page - Analog Devices AD9993-EBZ Datasheet HTML 54Page - Analog Devices AD9993-EBZ Datasheet HTML 55Page - Analog Devices AD9993-EBZ Datasheet HTML 56Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 55 / 56 page
background image
Data Sheet
AD9993
Rev. A | Page 55 of 56
GLOBAL DEVICE UPDATE REGISTER
Address: 0x0FF, Reset: 0x00, Name: DEVICE_UPDATE
Table 68. Bit Descriptions for DEVICE_UPDATE
Bits
Bit Name
Description
Reset
Access
0
CHIP_REGMAP_TRANSFER
Register map master/slave transfer bit. Self clearing bit used to
synchronize the transfer of data from the master to the slave registers.
0x0
RW
0 = no effect
1 = transfer data from the master registers written by the register maps
to the slave registers seen by the datapath.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56