| Moteur de recherche de fiches techniques de composants électroniques |
|
LP8556 Fiches technique(PDF) 55 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP8556 Fiches technique(HTML) 55 Page - Texas Instruments |
|
55 / 63 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 10-Mar-2016 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LP8556SQ-E00/NOPB ACTIVE WQFN RTW 24 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -30 to 85 L8556E0 LP8556SQ-E08/NOPB ACTIVE WQFN RTW 24 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -30 to 85 L8556E8 LP8556SQ-E09/NOPB ACTIVE WQFN RTW 24 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -30 to 85 L8556E9 LP8556SQE-E00/NOPB ACTIVE WQFN RTW 24 250 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -30 to 85 L8556E0 LP8556SQE-E08/NOPB ACTIVE WQFN RTW 24 250 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -30 to 85 L8556E8 LP8556SQE-E09/NOPB ACTIVE WQFN RTW 24 250 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -30 to 85 L8556E9 LP8556SQX-E00/NOPB ACTIVE WQFN RTW 24 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -30 to 85 L8556E0 LP8556SQX-E08/NOPB ACTIVE WQFN RTW 24 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -30 to 85 L8556E8 LP8556SQX-E09/NOPB ACTIVE WQFN RTW 24 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -30 to 85 L8556E9 LP8556TME-E02/NOPB ACTIVE DSBGA YFQ 20 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -30 to 85 56E2 LP8556TME-E03/NOPB ACTIVE DSBGA YFQ 20 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -30 to 85 56E3 LP8556TME-E04/NOPB ACTIVE DSBGA YFQ 20 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -30 to 85 56E4 LP8556TME-E05/NOPB ACTIVE DSBGA YFQ 20 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -30 to 85 56E5 LP8556TME-E06/NOPB ACTIVE DSBGA YFQ 20 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -30 to 85 56E6 LP8556TME-E09/NOPB ACTIVE DSBGA YFQ 20 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -30 to 85 56E9 LP8556TME-E11/NOPB ACTIVE DSBGA YFQ 20 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -30 to 85 6E11 LP8556TMX-E02/NOPB ACTIVE DSBGA YFQ 20 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -30 to 85 56E2 |