Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4047BC Fiches technique(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce CD4047BC
Description  Low Power Monostable/Astable Multivibrator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4047BC Fiches technique(HTML) 4 Page - National Semiconductor (TI)

  CD4047BC Datasheet HTML 1Page - National Semiconductor (TI) CD4047BC Datasheet HTML 2Page - National Semiconductor (TI) CD4047BC Datasheet HTML 3Page - National Semiconductor (TI) CD4047BC Datasheet HTML 4Page - National Semiconductor (TI) CD4047BC Datasheet HTML 5Page - National Semiconductor (TI) CD4047BC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Logic Diagram
TLF5969 – 3
Special input protection circuit to permit larger input-voltage swings
Truth Table
Terminal Connections
Output Pulse
Typical Output
Function
To VDD
To VSS
Input Pulse
From
Period or
To
Pulse Width
Astable Multivibrator
Free-Running
4 5 6 14
7 8 9 12
10 11 13
tA (10 11) e 440 RC
True Gating
4 6 14
7 8 9 12
5
10 11 13
tA (13) e 220 RC
Complement Gating
6 14
5 7 8 9 12
4
10 11 13
Monostable Multivibrator
Positive-Edge Trigger
4 14
5 6 7 9 12
8
10 11
Negative-Edge Trigger
4 8 14
5 7 9 12
6
10 11
tM (10 11) e 248 RC
Retriggerable
4 14
5 6 7 9
8 12
10 11
External Countdown
14
5 6 7 8 9 12
(See Figure)
(See Figure)
(See Figure)
Note
External resistor between terminals 2 and 3 External capacitor between terminals 1 and 3
Typical Implementation of External Countdown Option
TLF5969 – 4
tEXT e (N b 1) tA a (tM a tA 2)
4



Html Pages

1 2 3 4 5 6