| Moteur de recherche de fiches techniques de composants électroniques |
|
54LS00 Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
54LS00 Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLF6439 June 1989 54LS00DM54LS00DM74LS00 Quad 2-Input NAND Gates General Description This device contains four independent gates each of which performs the logic NAND function Features Y Alternate MilitaryAerospace device (54LS00) is avail- able Contact a National Semiconductor Sales Office Distributor for specifications Connection Diagram Dual-In-Line Package TLF6439 – 1 Order Number 54LS00DMQB 54LS00FMQB 54LS00LMQB DM54LS00J DM54LS00W DM74LS00M or DM74LS00N See NS Package Number E20A J14A M14A N14A or W14B Function Table Y e AB Inputs Output AB Y LL H LH H HL H HH L H e High Logic Level L e Low Logic Level C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Numéro de pièce similaire - 54LS00 |
|
Description similaire - 54LS00 |