Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCEC1308 Fiches technique(PDF) 2 Page - Allied Components International

No de pièce PCEC1308
Description  SMD POWER INDUCTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLIED [Allied Components International]
Site Internet  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCEC1308 Fiches technique(HTML) 2 Page - Allied Components International

  PCEC1308 Datasheet HTML 1Page - Allied Components International PCEC1308 Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PCEC1308
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
REVISED 02/29/16
SMD POWER INDUCTOR
SCHEMATICS
INDUCTANCE VS CURRENT
0
5
10
15
20
25
30
0
1.5
3.0
4.5
6.0
7.5
8.0
9.0
10.5
RATED CURRENT (A)
PIN3 IS MECHANICAL SUPPORT
ONLY, HAS NO INTERNAL
ELECTRICAL CONNECTION
PCEC1308-220M-RC
PCEC1308-470M-RC
0
10
20
30
40
50
60
0
0.5
1.0
1.5
2.0
2.5
RATED CURRENT (A)



Html Pages

1 2