Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UT130NHBD Fiches technique(PDF) 6 Page - Aeroflex Circuit Technology

No de pièce UT130NHBD
Description  Hardened-by-Design (HBD) Standard Cell
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AEROFLEX [Aeroflex Circuit Technology]
Site Internet  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT130NHBD Fiches technique(HTML) 6 Page - Aeroflex Circuit Technology

  UT130NHBD Datasheet HTML 1Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 2Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 3Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 4Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 5Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 6Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 7Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
TOOLS SUPPORTED BY AEROFLEX
Aeroflex supports libraries for:
• Mentor Graphics
− ModelSim
− Tessent FastScan
- Tessent Memory
• Synopsys
- Design Compiler (with PowerCompiler)
- PrimeTime
- PrimePower
- VCS for Verilog and VHDL
- Formality
- TetraMax
• VITAL-compliant VHDL Simulation Tools
• OVI-compliant Verilog Simulation Tools
TRAINING AND SUPPORT
Aeroflex personnel conduct training classes tailored to meet individual needs. These classes can address a wide mix of engineering
backgrounds and specific customer concerns. Applications assistance is also available through all phases of ASIC Design.
PHYSICAL DESIGN
By using five layers of metal interconnect Aeroflex achieves optimized layouts that maximize speed of critical nets, overall chip
performance and design density up to 15,000,000 equivalent gates.
TEST CAPABILITY
Aeroflex supports all phases of test development from test stimulus generation through high-speed production test. This support
includes ATPG, fault simulation and fault grading. Scan design options are available on all UT130nHBD storage elements. Auto-
matic test program development capabilities handle large vector sets for use with Aeroflex's Teradyne Tiger ATEs, supporting
high-speed testing (up to 1.2GHz).
QUALITY AND RELIABILITY
Aeroflex is dedicated to meeting the stringent performance requirements of aerospace and defense systems suppliers. Aeroflex
maintains the highest level of quality and reliability through our Quality Management Program under MIL-PRF-38535 and ISO-
9001. In 1988 we were the first gate array manufacturer to achieve QPL certification and qualification of our technology families.
Our product assurance program has kept pace with the demands of certification and qualification.
Our quality management plan includes the following activities and initiatives.
• Quality improvement plan
• Failure analysis program
• SPC plan
• Corrective action plan
• Change control program
• Standard Evaluation Circuit (SEC) and Technology Characterization Vehicle (TCV) assessment program
• Certification and qualification program
Because of numerous product variations permitted with customer specific designs much of the reliability testing is performed using
a Standard Evaluation Circuit (SEC) and Technology Characterization Vehicle (TCV). Aeroflex utilizes the wafer foundry's data
from TCV test structures to evaluate hot carrier aging, electromigration and time dependent test samples for reliability testing.



Html Pages

1 2 3 4 5 6 7 8