| Moteur de recherche de fiches techniques de composants électroniques |
|
SH3301 Fiches technique(PDF) 1 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SH3301 Fiches technique(HTML) 1 Page - Semtech Corporation |
|
1 / 8 page ![]() USB-Adapt™ SH3301 IC Converts PS/2 Data to USB Semtech is a registered trademark of Semtech Corporation. USB-Adapt is a trademark of Semtech Corporation. All other trademarks belong to their respective companies. Copyright ©1999-2002 Semtech Corporation SH3301-DS-101 www.semtech.com 1 HID & SYSTEM MANAGEMENT PRODUCTS, SYSTEM MANAGEMENT FAMILY DESCRIPTION FEATURES • System legacy support The USB-Adapt™ SH3301 is a single IC that converts PS/2 keyboard and mouse data to USB 1.1. The USB-Adapt™ is ideal for system legacy support, enabling seamless connection of standard PS/2 devices (mice or keyboards) to USB. The IC offers two hot-pluggable and hot-swappable PS/2 ports; either port can accept a mouse or a keyboard. In addition, the USB- Adapt™ auto-detects and transparently supports the wheel function of wheel mice. • Devices are hot-pluggable • PS/2 ports are auto-selectable and hot-swappable – a mouse or keyboard can be used in either port • Easy to implement • Few external components required • Interfaces PS/2 devices to USB • Complies with USB 1.1 specification • Provides two PS/2 ports • PS/2 ports support mouse wheel functionality • Works with standard Windows keyboard and mouse drivers N/C N/C N/C N/C VDD VSS1 XOUT XIN VSS EPS2CLK0 EPS2DAT0 1 2 3 4 5 6 7 8 9 10 11 N/C N/C N/C N/C N/C N/C N/C N/C N/C N/C N/C 33 32 31 30 29 28 27 26 25 24 23 SH3301FB QFP APPLICATIONS PIN ASSIGNMENTS PRELIMINARY |
Numéro de pièce similaire - SH3301 |
|
Description similaire - SH3301 |