Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OX-305 Fiches technique(PDF) 1 Page - Vectron International, Inc

No de pièce OX-305
Description  Ultra Low Phase Noise Oven Controlled Crystal Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VECTRON [Vectron International, Inc]
Site Internet  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

OX-305 Fiches technique(HTML) 1 Page - Vectron International, Inc

  OX-305 Datasheet HTML 1Page - Vectron International, Inc OX-305 Datasheet HTML 2Page - Vectron International, Inc OX-305 Datasheet HTML 3Page - Vectron International, Inc OX-305 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OX-305 at 100 MHz
Ultra Low Phase Noise
Oven Controlled Crystal Oscillator
Vectron International • 267 Lowell Road, Unit 102, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
• -135 dBc/ Hz at 100 Hz offset
• -178 dBc/Hz at 100 kHz offset
• 100 MHZ standard, other frequencies available
• Compact 0.8” x 0.8” hermetic enclosure
• Military Radar
• Instrumentation and Test Equipment
• Synthesizers
• Military Communication Equipment
• DRO reference
• Satellite Communications
Features
Applications
OX-305
Performance Specifications
The OX-305 is an Ultra Low Phase Noise Ovenized Crystal Oscillator with a noise floor as low as -178 dBc/Hz in a compact 0.8” x 0.8”
enclosure. Designed for applications that demand extremely low noise sources, including the reference oscillator for a phase-locked
loop in the microwave spectrum. Custom frequencies available upon request.
OX-305
Phase Noise Ordering Codes at 100 MHz
Frequency Offset (Hz)
A
B
C
Unit
Condition
10
-100
-102
-105
dBc/Hz
Maximum values
All EFC settings
Static Environment
100
-130
-132
-135
dBc/Hz
1000
-150
-156
-159
dBc/Hz
10,000
-165
-168
-170
dBc/Hz
100,000
-175
-175
-178
dBc/Hz
Frequency Stabilities at 100 MHz
Parameter
Min
Typical
Max
Unit
Condition
vs. operating temperature range
-100
+100
ppb
-20 to +70°C (referenced to +25°C)
-200
+200
ppb
-40 to +85°C (referenced to +25°C)
Allan Deviation
1
E-11
0.1 to 1 second tau
vs. supply voltage change
-10
+10
ppb
±5% change in voltage
vs. load change
-10
+10
ppb
±5% change in load
vs. aging / 1 day
-5
+5
ppb
after 30 days of operation
vs. aging / 1st year
-200
+200
ppb
after 30 days of operation
vs. aging / 10 year
-1.5
+1.5
ppm
after 30 days of operation
Warm up time
5
minutes
to ±100 ppb of 2-hour frequency
@+25°C


Numéro de pièce similaire - OX-305

FabricantNo de pièceFiches techniqueDescription
logo
Vectron International, ...
OX-305 VECTRON-OX-305 Datasheet
388Kb / 4P
Ultra Low Phase Noise Oven Controlled Crystal Oscillator
OX-305 VECTRON-OX-305_16 Datasheet
388Kb / 4P
Ultra Low Phase Noise Oven Controlled Crystal Oscillator
More results

Description similaire - OX-305

FabricantNo de pièceFiches techniqueDescription
logo
Vectron International, ...
OX-204 VECTRON-OX-204 Datasheet
554Kb / 5P
Ultra Low Phase Noise Oven Controlled Crystal Oscillator
OX-204 VECTRON-OX-204_15 Datasheet
455Kb / 5P
Ultra Low Phase Noise Oven Controlled Crystal Oscillator
OX-205 VECTRON-OX-205 Datasheet
310Kb / 4P
Ultra Low Phase Noise Oven Controlled Crystal Oscillator
OX-305 VECTRON-OX-305_16 Datasheet
388Kb / 4P
Ultra Low Phase Noise Oven Controlled Crystal Oscillator
OX-304 VECTRON-OX-304 Datasheet
452Kb / 5P
Ultra Low Phase Noise Oven Controlled Crystal Oscillator
OX-209 VECTRON-OX-209 Datasheet
343Kb / 5P
Ultra Low Phase Noise Oven Controlled Crystal Oscillator
OX-205 VECTRON-OX-205_16 Datasheet
417Kb / 4P
Ultra Low Phase Noise Oven Controlled Crystal Oscillator
OX-204 VECTRON-OX-204_16 Datasheet
581Kb / 5P
Ultra Low Phase Noise Oven Controlled Crystal Oscillator
OX-175 VECTRON-OX-175 Datasheet
790Kb / 6P
Ultra Low Noise Oven Controlled Crystal Oscillator
OX-174 VECTRON-OX-174 Datasheet
837Kb / 6P
Ultra Low Noise Oven Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com