Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S3C72P9 Fiches technique(PDF) 39 Page - Samsung semiconductor

No de pièce S3C72P9
Description  SINGLE-CHIP MICROCONTROLLER HAS BEEN DESIGNED FOR HIGH PERFORMANCE USING
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C72P9 Fiches technique(HTML) 39 Page - Samsung semiconductor

Back Button S3C72P9 Datasheet HTML 35Page - Samsung semiconductor S3C72P9 Datasheet HTML 36Page - Samsung semiconductor S3C72P9 Datasheet HTML 37Page - Samsung semiconductor S3C72P9 Datasheet HTML 38Page - Samsung semiconductor S3C72P9 Datasheet HTML 39Page - Samsung semiconductor S3C72P9 Datasheet HTML 40Page - Samsung semiconductor S3C72P9 Datasheet HTML 41Page - Samsung semiconductor S3C72P9 Datasheet HTML 42Page - Samsung semiconductor S3C72P9 Datasheet HTML 43Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 225 page
background image
S3C72P9/P72P9 (Preliminary Spec)
ADDRESSING MODES
3-3
EMB AND ERB INITIALIZATION VALUES
The EMB and ERB flag bits are set automatically by the values of the
RESET vector address and the interrupt
vector address. When a
RESET is generated internally, bit 7 of program memory address 0000H is written to the
EMB flag, initializing it automatically. When a vectored interrupt is generated, bit 7 of the respective vector
address table is written to the EMB. This automatically sets the EMB flag status for the interrupt service routine.
When the interrupt is serviced, the EMB value is automatically saved to stack and then restored when the
interrupt routine has completed.
At the beginning of a program, the initial EMB and ERB flag values for each vectored interrupt must be set by
using VENT instruction. The EMB and ERB can be set or reset by bit manipulation instructions (BITS, BITR)
despite the current SMB setting.
+
+ PROGRAMMING TIP — Initializing the EMB and ERB Flags
The following assembly instructions show how to initialize the EMB and ERB flag settings:
ORG
0000H
; ROM address assignment
VENT0
1,0,RESET
; EMB
← 1, ERB ← 0; Jump to RESET address by RESET
VENT1
0,1,INTB
; EMB
← 0, ERB ← 1; Jump to INTB address by INTB
VENT2
0,1,INT0
; EMB
← 0, ERB ← 1; Jump to INT0 address by INT0
VENT3
0,1,INT1
; EMB
← 0, ERB ← 1; Jump to INT1 address by INT1
VENT4
0,1,INTS
; EMB
← 0, ERB ← 1; Jump to INTS address by INTS
VENT5
0,1,INTT0
; EMB
← 0, ERB ← 1; Jump to INTT0 address by INTT0
VENT6
0,1,INTT1
; EMB
← 0, ERB ← 1; Jump to INTT1 address by INTT1
VENT7
0,1,INTK
; EMB
← 0, ERB ← 1; Jump to INTK address by INTK
RESET
•
•
•
BITR
EMB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More