| Moteur de recherche de fiches techniques de composants électroniques |
|
UT01VS50D Fiches technique(PDF) 12 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT01VS50D Fiches technique(HTML) 12 Page - Aeroflex Circuit Technology |
|
12 / 14 page ![]() 12 ORDERING INFORMATION UT01VS50D VOLTAGE SUPERVISOR Lead Finish: (Notes: 1) (C) = Gold Screening Level: (Notes: 2 and 3) (P) = Prototype Flow (C) = HiRel Flow (Temperature range -55oC to +125oC) Case Outline: (X) = 8-lead Ceramic Flat Package TID Tolerance: (-) = None Device Type (D) = Active low open drain RESET_OD Generic part number: (01VS50) UT****** * * * * * Notes: 1. Lead finish is "C" (Gold) only. 2. Prototype flow per Aeroflex Manufacturing Flows Document. Devices are tested at 25 °C only. Lead finish is Gold "C" only. Radiation neither tested nor guaranteed. 3. HiRel Flow per Aeroflex Manufacturing Flows Document. Radiation neither tested nor guaranteed. |