Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RDC5028C Fiches technique(PDF) 19 Page - Aeroflex Circuit Technology

No de pièce RDC5028C
Description  RDC5028C 16-Bit Monolithic Tracking Rad Tolerant Resolver-To-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AEROFLEX [Aeroflex Circuit Technology]
Site Internet  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RDC5028C Fiches technique(HTML) 19 Page - Aeroflex Circuit Technology

Back Button RDC5028C Datasheet HTML 12Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 13Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 14Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 15Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 16Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 17Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 18Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 19Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 20Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
SCD5028-2 Rev G 5/7/2014
Aeroflex Plainview
TABLE II – CORRECTION FACTORS (MINUTES)
Angle
Correction
Factor
Angle
Correction
Factor
Angle
Correction
Factor
Angle
Correction
Factor
0
0.020387
90
0.557245
180
0.018688
270
0.535159
2
2.013632
92
2.253179
182
2.047610
272
2.242985
4
3.864167
94
3.867565
184
3.923629
274
3.864167
6
5.646746
96
5.342640
186
5.679026
276
5.356231
8
5.951268
98
5.370238
188
5.963160
278
5.411012
10
6.097790
100
5.311191
190
6.140263
280
5.360460
12
6.327559
102
4.961630
192
6.050635
282
4.982017
14
5.617827
104
4.284177
194
5.641612
284
4.331747
16
5.106868
106
3.543865
196
5.111965
286
3.572746
18
4.917005
108
3.066884
198
4.923800
288
3.095766
20
5.080516
110
3.004440
200
5.094107
290
3.026526
22
5.374844
112
2.936898
202
5.368048
292
2.981070
24
5.856053
114
2.821787
204
5.533258
294
2.864260
26
5.761329
116
2.789923
206
5.751135
296
2.840891
28
6.313892
118
2.758059
208
5.989399
298
2.836209
30
5.408785
120
2.010951
210
5.400290
300
2.075510
32
4.777203
122
1.092252
212
4.768708
302
1.180596
34
4.060675
124
0.222822
214
4.062374
304
0.317962
36
3.463072
126
-0.47841
216
3.471566
306
-0.38497
38
2.811103
128
-1.18305
218
2.821297
308
-1.06413
40
2.339220
130
-1.69741
220
2.346015
310
-1.58528
42
2.458559
132
-1.73267
222
2.480645
312
-1.58996
44
2.467469
134
-1.81210
224
2.479361
314
-1.67959
46
2.354057
136
-1.95779
226
2.381239
316
-1.83547
48
2.300107
138
-1.98626
228
2.305203
318
-1.86054
50
2.332801
140
-1.87711
230
2.326006
320
-1.75479
52
1.849025
142
-2.40166
232
1.837133
322
-2.29293
54
1.188562
144
-3.07912
234
1.171573
324
-2.97718
56
0.523002
146
-4.01311
236
0.497518
326
-3.61556
58
-0.33114
148
-4.43062
238
-0.34473
328
-4.32699
60
-1.21076
150
-5.13696
240
-1.22435
330
-5.04352
62
-1.92219
152
-5.72437
242
-1.94088
332
-5.62413
64
-1.89799
154
-5.51329
244
-1.92687
334
-5.40795
66
-1.87039
156
-5.30390
246
-1.89418
336
-5.20707
68
-1.94813
158
-5.13530
248
-1.97361
338
-5.06734
70
-2.01057
160
-4.91062
250
-2.02926
340
-4.86136
72
-2.05603
162
-4.76070
252
-2.07132
342
-4.70974
74
-2.50413
164
-4.99474
254
-2.52961
344
-4.92339
76
-3.23255
166
-5.51759
256
-3.26992
346
-5.45983
78
-3.90830
168
-5.92152
258
-3.94058
348
-5.90113
80
-4.26466
170
-6.03663
260
-4.29014
350
-6.02644
82
-4.31011
172
-5.87312
262
-4.32540
352
-5.86972
84
-4.22645
174
-5.57369
264
-4.25703
354
-5.57199
86
-2.72929
176
-3.78432
266
-2.75308
356
-3.78602
88
-1.10131
178
-1.88282
268
-1.11321
358
-1.89811



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20