| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS87972I Fiches technique(PDF) 13 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS87972I Fiches technique(HTML) 13 Page - Integrated Circuit Systems |
|
13 / 14 page ![]() 87972DYI www.icst.com/products/hiperclocks.html REV. A OCTOBER 18, 2002 13 Integrated Circuit Systems, Inc. ICS87972I LOW SKEW, 1-TO-12 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER TABLE 10. ORDERING INFORMATION While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its use or for infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial and industrial applications. Any other applications such as those requiring high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. r e b m u N r e d r O / t r a Pg n i k r a Me g a k c a Pt n u o Ce r u t a r e p m e T I Y D 2 7 9 7 8 S C II Y D 2 7 9 7 8 S C IP F Q L d a e L 2 5y a r t r e p 0 6 1C ° 5 8 o t C ° 0 4 - T I Y D 2 7 9 7 8 S C II Y D 2 7 9 7 8 S C Il e e R d n a e p a T n o P F Q L d a e L 2 50 0 5C ° 5 8 o t C ° 0 4 - |