Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FS-2000A-2 Fiches technique(PDF) 2 Page - Aeroflex Circuit Technology

No de pièce FS-2000A-2
Description  Fast Switching Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AEROFLEX [Aeroflex Circuit Technology]
Site Internet  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

FS-2000A-2 Fiches technique(HTML) 2 Page - Aeroflex Circuit Technology

  FS-2000A-2 Datasheet HTML 1Page - Aeroflex Circuit Technology FS-2000A-2 Datasheet HTML 2Page - Aeroflex Circuit Technology FS-2000A-2 Datasheet HTML 3Page - Aeroflex Circuit Technology FS-2000A-2 Datasheet HTML 4Page - Aeroflex Circuit Technology FS-2000A-2 Datasheet HTML 5Page - Aeroflex Circuit Technology FS-2000A-2 Datasheet HTML 6Page - Aeroflex Circuit Technology FS-2000A-2 Datasheet HTML 7Page - Aeroflex Circuit Technology FS-2000A-2 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SIGNAL & CONTROL SOLUTIONS
2
Aeroflex Signal & Control Solutions
www.aeroflex.com/ASCS • acc-sales@aeroflex.com
Revision Date: 8/21/2013
FS2000 Series
Fast Switching Synthesizer
Best of Both Worlds
The FS-2000B and keyboard controlled units provide all the
performance of the sub-microsecond System Synthesizer and
easy to use, incredibly clean, bench synthesizers. The FS-2000B
is like two synthesizers in one; a 1 usec switching computer
controlled system synthesizer, and an IEEE-488 programmable
keyboard entry bench synthesizer with extensive sweep and
synchronization capability.
You can conveniently use the FS-2000 for system development
with the convenience of keyboard entry of frequency increments
and sweeps, as well as IEEE-488 FS-2000-18, FS-2000B-9,
FS2000B-4, FS-2000B-2 programming.
With the flip of a switch, the FS-2000B becomes a BCD program-
mable 1 usec switching synthesizer. Even if you do not need fast
switching, the FS-2000B-18 is one of the lowest phase noise 18
FHz synthesizers available.
The FS-2000 provides programmable and keyboard controlled
modulation of AM and FM, and 1 usec frequency switching us to
4 GHz. The FS-2000C is also a pin-for-pin replacement for the
Eaton/Ailtech 382/384M, with substantially improved perform-
ance and reliability.



Html Pages

1 2 3 4 5 6 7 8