Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RT9262CS Fiches technique(PDF) 2 Page - Richtek Technology Corporation

No de pièce RT9262CS
Description  HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RICHTEK [Richtek Technology Corporation]
Site Internet  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9262CS Fiches technique(HTML) 2 Page - Richtek Technology Corporation

  RT9262CS Datasheet HTML 1Page - Richtek Technology Corporation RT9262CS Datasheet HTML 2Page - Richtek Technology Corporation RT9262CS Datasheet HTML 3Page - Richtek Technology Corporation RT9262CS Datasheet HTML 4Page - Richtek Technology Corporation RT9262CS Datasheet HTML 5Page - Richtek Technology Corporation RT9262CS Datasheet HTML 6Page - Richtek Technology Corporation RT9262CS Datasheet HTML 7Page - Richtek Technology Corporation RT9262CS Datasheet HTML 8Page - Richtek Technology Corporation RT9262CS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RT9262/A
Preliminary
www.richtek.com
DS9262/A-04 August 2002
2
Marking Information
Part Number
Marking
RT9262CS
RT9262CS
RT9262ACS
RT9262ACS
Typical Application Circuit
Fig. 1 RT9262 Typical Application for Portable Instruments below 400mA
Fig. 2 RT9262A Typical Application for Portable Instruments below 400mA
C1
100
µF
VDD
CE
RT9262
EXT
L DOO
L X
L F B
GN D
FB
3.3V
VOUT1
C2
1
µF
D1
L1
4.7
µH
R1
1.6M
R2
980K
R4
1.3M
R3
680K
C3
10
µF
2.5V
VOUT2
VIN
100pF
1nF
100
µF
VDD
CE
RT9262A
EXT
L B O
L X
L B I
G N D
F B
3.3V
VOUT1
C2
1
µF
D1
L1
4.7
µH
R1
1.6M
R2
980K
R4
R3
Low Battery
Warning Output
(Open Collector)
VIN
100pF
C1
100
µF
100
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12