Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RT9202CS Fiches technique(PDF) 10 Page - Richtek Technology Corporation

No de pièce RT9202CS
Description  SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RICHTEK [Richtek Technology Corporation]
Site Internet  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9202CS Fiches technique(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9202CS Datasheet HTML 6Page - Richtek Technology Corporation RT9202CS Datasheet HTML 7Page - Richtek Technology Corporation RT9202CS Datasheet HTML 8Page - Richtek Technology Corporation RT9202CS Datasheet HTML 9Page - Richtek Technology Corporation RT9202CS Datasheet HTML 10Page - Richtek Technology Corporation RT9202CS Datasheet HTML 11Page - Richtek Technology Corporation RT9202CS Datasheet HTML 12Page - Richtek Technology Corporation RT9202CS Datasheet HTML 13Page - Richtek Technology Corporation RT9202CS Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
RT9202
www.richtek.com
DS9202-02 August 2002
10
comparator trips to set the over-current latch. Both
VSET and VDS are referenced to VIN and a small
capacitor across ROCSET helps VOCSET tracking the
variations of VIN due to MOSFET switching. The over-
current function will be tripped at a peak inductor
current (IPEAK) determined by:
The OC trip point varies with MOSFET’s RDS(ON)
temperature variations. The temperature coefficient
of IOCSET is 2500ppm that is used to compensate
RDS(ON) temperature variations. To avoid over-current
tripping
in
the
normal
operating
load
range,
determine the ROCSET resistor value from the equation
above with:
1. The maximum RSD(ON) at the highest junction
temperature
2. The minimum IOCSET from the characteristics
3. Determine IPEAK for IPEAK
> I
OUT(MAX) + (
∆I)/2
where
∆I is the output inductor ripple current.
Fig.3
Under Voltage and Over Voltage Protection
The voltage at FB pin is monitored and protected
against OC (over current), UV (under voltage), and
OV (over voltage). The UV threshold is 0.5V and OV-
threshold is 1.0V. Both UV/OV detection have 30
µS
triggered delay. When OC or UV trigged, a hiccup re-
start sequence will be initialized, as shown in Fig.4.
Only 3 times of trigger are allowed to latch off. Hiccup
is disabled during soft-start interval.
Fig. 4
Shutdown
Pulling low the OCSET pin by a small single
transistor can shutdown the RT9202 PWM controller
as shown in typical application circuit.
_
GATE
CONTROL
PWM
OC
DRIVE
VCC
UGATE
PHASE
ROCSET
OCSET
IOCSET
40
µA
VPHASE = VIN - VDS
VOCSET = VIN - VSET
VSET+
OVER-CURRENT TRIP:
VDS > VSET
iD ×R DS(ON) > IOCSET × ROCSET
VIN = +5V
iD
VDS+
0A
0V
2V
4V
T0T1
T2
T3
TIME
COUNT = 1 COUNT = 2
COUNT = 3
OVERLOAD
APPLIED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16