Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RF2870PCBA Fiches technique(PDF) 6 Page - RF Micro Devices

No de pièce RF2870PCBA
Description  CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFMD [RF Micro Devices]
Site Internet  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2870PCBA Fiches technique(HTML) 6 Page - RF Micro Devices

Back Button RF2870PCBA Datasheet HTML 2Page - RF Micro Devices RF2870PCBA Datasheet HTML 3Page - RF Micro Devices RF2870PCBA Datasheet HTML 4Page - RF Micro Devices RF2870PCBA Datasheet HTML 5Page - RF Micro Devices RF2870PCBA Datasheet HTML 6Page - RF Micro Devices RF2870PCBA Datasheet HTML 7Page - RF Micro Devices RF2870PCBA Datasheet HTML 8Page - RF Micro Devices RF2870PCBA Datasheet HTML 9Page - RF Micro Devices RF2870PCBA Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
8-6
RF2870
Rev A8 030507
ISET Pins
ISET1 sets the internal reference voltage for the bias control circuits to all functional blocks. An external resistor of 4.3k
Ω
to ground is recommended. We do not recommend adjusting this resistor value. This resistor is pulled out to allow for a
higher precision off chip value and not as a significant tuning adjustment.
ISET2 sets the DC current through the mixer and mixer preamplifier. Higher resistance to ground results in lower current.
Lower current will improve mixer NF but will degrade IIP3. Mixer and the mixer preamp gain is not significantly changed
with current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14