| Moteur de recherche de fiches techniques de composants électroniques |
|
VRG8667 Fiches technique(PDF) 6 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
VRG8667 Fiches technique(HTML) 6 Page - Aeroflex Circuit Technology |
|
6 / 7 page ![]() 6 SCD8667 Rev C 3/17/14 Aeroflex Plainview .108 .300 .100 ø.145 THRU .415 .2075 R.065 TYP. 4 PLCS .755 .515 ±.003 .220 MAX. ±.005 .040 ±.002 .030 DIA. .122 .150 REF. ±.020 .886 IDENT ESD/PIN 1 –B– –A– –C– ø.010 B C A M ø.010 C B A Notes: 1. Dimension Tolerance: ±.005 inches 2. Package contains BeO substrate 4 5 6 7 3 2 TABLE II – PIN NUMBERS vs FUNCTION PIN FUNCTION 1VCONTROL_1 2VIN_1 3VCONTROL_2 4VIN_2 5OUT_2 6SET_2 7OUT_1 8SET_1 2x .028 M ø.010 C B A .020±.005 .060 ±.005 3. Case electrically isolated MAX. 8 1 .632 .090 8X FIGURE 7 – VRG8668 PACKAGE OUTLINE — SURFACE MOUNT POWER PACKAGE |