| Moteur de recherche de fiches techniques de composants électroniques |
|
VRG8654 Fiches technique(PDF) 8 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
VRG8654 Fiches technique(HTML) 8 Page - Aeroflex Circuit Technology |
|
8 / 9 page ![]() 8 SCD8653 Rev D 4/10/14 Aeroflex Plainview .108 .300 .100 ø.145 THRU .415 .2075 R.065 TYP. 4 PLCS .755 .515 ±.003 .220 MAX. ±.005 .040 ±.002 .030 DIA. .122 .150 REF. ±.020 .886 IDENT ESD/PIN 1 –B– –A– –C– ø.010 B C A M ø.010 C B A Notes: FIGURE 10 – VRG8654 PACKAGE OUTLINE — SURFACE MOUNT POWER PACKAGE 1. Dimension Tolerance: ±.005 inches 2. Package contains BeO substrate 4 5 6 7 3 2 TABLE II – PIN NUMBERS vs FUNCTION PIN FUNCTION 1 POS_ADJ_1 2 NEG_REF_2 3NEG_VOUT_2 4NEG_VIN_2 5 NEG_GND_2 6 NEG_FB_2 7POS_VOUT_1 8POS_VIN_1 2x .028 M ø.010 C B A .020±.005 .060 ±.005 3. Case electrically isolated MAX. 8 1 .632 .090 8X |