Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VRG8609 Fiches technique(PDF) 5 Page - Aeroflex Circuit Technology

No de pièce VRG8609
Description  Dual Adjustable Negative Voltage Regulators Radiation Tolerant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AEROFLEX [Aeroflex Circuit Technology]
Site Internet  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8609 Fiches technique(HTML) 5 Page - Aeroflex Circuit Technology

  VRG8609 Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8609 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8609 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8609 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8609 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8609 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
SCD8609 Rev E 9/9/11
Aeroflex Plainview
TABLE II – PIN NUMBERS vs FUNCTION
PIN
FUNCTION
1
NEG_ADJ_1
2NEG_VOUT_1
3NEG_VIN_1
4
NEG_ADJ_2
5NEG_VIN_2
6NEG_VOUT_2
.108
.200
.100
.123
ø.145 THRU
.415
.2075
R.065 TYP.
4 PLCS
.655
.415 SQ
±.003
.220 MAX.
±.005
.040
±.002
.030 DIA.
.122
.150 REF.
±.020
.886
IDENT
ESD/PIN 1
–B–
–A–
–C–
ø.010 B C A
M
ø.010
C B A
Notes:
FIGURE 5 – PACKAGE OUTLINE — SURFACE MOUNT POWER PACKAGE
1. Dimension Tolerance: ±.005 inches
2. Package contains BeO substrate
3
4
5
6
2
1
2x .028
M
ø.010
C B A
.020
.060
3. Case electrically isolated
MAX.



Html Pages

1 2 3 4 5 6