| Moteur de recherche de fiches techniques de composants électroniques |
|
UT54ACS4002 Fiches technique(PDF) 1 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT54ACS4002 Fiches technique(HTML) 1 Page - Aeroflex Circuit Technology |
|
1 / 9 page ![]() 1 Standard Products UT54ACS4002/UT54ACTS4002 Dual 4-Input NOR Gates Datasheet November 2010 www.aeroflex.com/logic FEATURES 1.2μ CMOS - Latchup immune High speed Low power consumption Single 5 volt supply Available QML Q or V processes Flexible package - 14-pin DIP - 14-lead flatpack UT54ACS4002 - SMD 5962-96596 UT54ACTS4002 - SMD 5962-96597 DESCRIPTION The UT54ACS4002 and the UT54ACTS4002 are dual 4-input NOR gates. A high on any input forces the output to a low state. The circuits perform the Boolean functions: Y = A + B + C + D = A ⋅B⋅C⋅D. The devices are characterized over full military temperature range of -55 °C to +125°C. FUNCTION TABLE LOGIC SYMBOL PINOUTS 14-Pin DIP Top View 14-Lead Flatpack Top View LOGIC DIAGRAM INPUTS OUTPUT An Bn Cn Dn Yn L L L L H H X X X L X H X X L X X H X L X X X H L Y1 (1) (13) Y2 (2) A1 (3) B1 (4) C1 (5) D1 (9) A2 (10) B2 (11) C2 (12) D2 Note: 1. Logic symbol in accordance with ANSI/IEEE standard 91-1984 and IEC Publication 617-12. ≥1 1 2 3 4 5 7 6 14 13 12 11 10 8 9 Y1 A1 B1 C1 D1 NC VSS VDD Y2 D2 C2 B2 A2 NC 1 2 3 4 5 7 6 14 13 12 11 10 8 9 VDD Y2 D2 C2 B2 A2 NC Y1 A1 B1 C1 D1 NC VSS A1 B1 Y1 Y2 C1 D1 A2 B2 C2 D2 |
Numéro de pièce similaire - UT54ACS4002 |
|
Description similaire - UT54ACS4002 |