Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UT8SP2M48MSFA Fiches technique(PDF) 23 Page - Aeroflex Circuit Technology

No de pièce UT8SP2M48MSFA
Description  UT8SP2M48 96Megabit Pipelined SSRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AEROFLEX [Aeroflex Circuit Technology]
Site Internet  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8SP2M48MSFA Fiches technique(HTML) 23 Page - Aeroflex Circuit Technology

Back Button UT8SP2M48MSFA Datasheet HTML 15Page - Aeroflex Circuit Technology UT8SP2M48MSFA Datasheet HTML 16Page - Aeroflex Circuit Technology UT8SP2M48MSFA Datasheet HTML 17Page - Aeroflex Circuit Technology UT8SP2M48MSFA Datasheet HTML 18Page - Aeroflex Circuit Technology UT8SP2M48MSFA Datasheet HTML 19Page - Aeroflex Circuit Technology UT8SP2M48MSFA Datasheet HTML 20Page - Aeroflex Circuit Technology UT8SP2M48MSFA Datasheet HTML 21Page - Aeroflex Circuit Technology UT8SP2M48MSFA Datasheet HTML 22Page - Aeroflex Circuit Technology UT8SP2M48MSFA Datasheet HTML 23Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
23
36-00-01-001
Ver. 1.1.0
Aeroflex Microelectronics Solutions - HiRel
Description of Change History
Revision Date
Description of Change
January 2015
Version 1.0.0
Release of Preliminary Data Sheet
March 2015
Version 1.1.0
Page 1: Clock-to-ouput time changed from 6.7ns to 7ns. Added SMD Number.
Page 5: Changed (tCQV) from 6.7ns to 7ns
Page 7: Added pinout R7 and R8 to Table 4.
Page 8: Changed lead signal P8 from VSS to VSSQ, R7 and R13 from VSS to NUIH, and R8 and R16
from VSS to NUIL.
Page 10: SCRUBEN Device Pin added to Condition column of parameters IIN1 and IIN2 in the DC
ELECTRICAL CHARACTERISTICS table
Page 12: The minimum setup times for parameters
tCENS, tWES, and tCSS have changed from 2.5ns
to 3ns, and the maximum output time for tCQV and tCMV1 changed from 6.7ns to 7 ns and
tCMV2 changed from 8.5ns to 9 nsin the AC ELECTRICAL CHARACTERISTICS table.
Pages 17-18: Corrected bottom view package orientation.
Page 21: Added SMD Designator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23