Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESDA19 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce ESDA19
Description  TRANSIL??ARRAY FOR ESD PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA19 Fiches technique(HTML) 4 Page - STMicroelectronics

  ESDA19 Datasheet HTML 1Page - STMicroelectronics ESDA19 Datasheet HTML 2Page - STMicroelectronics ESDA19 Datasheet HTML 3Page - STMicroelectronics ESDA19 Datasheet HTML 4Page - STMicroelectronics ESDA19 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ESDA17/19-5SC6
4/5
ESDA
17
-
5
SC6
V
min.
BR
5 lines protected
ESD ARRAY
PACKAGE:
SC6: SOT23-6L
ORDER CODE
Type
Marking
Package
Weight
Base Qty
Delivery mode
ESDA17-5SC6
175
SOT23-6L
16.7mg
3000
Tape & Reel
ESDA19-5SC6
195
SOT23-6L
16.7mg
3000
Tape & Reel
s
Epoxy meets UL94, V0
OTHER INFORMATIONS



Html Pages

1 2 3 4 5