Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES4318 Fiches technique(PDF) 4 Page - ESS Technology,Inc

No de pièce ES4318
Description  DVD Processor Product Brief
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ESS [ESS Technology,Inc]
Site Internet  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES4318 Fiches technique(HTML) 4 Page - ESS Technology,Inc

  ES4318 Datasheet HTML 1Page - ESS Technology,Inc ES4318 Datasheet HTML 2Page - ESS Technology,Inc ES4318 Datasheet HTML 3Page - ESS Technology,Inc ES4318 Datasheet HTML 4Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
© 2000—2001 ESS Technology, Inc. All rights reserved.
SAM0377-052101
ES4318 PRODUCT BRIEF
No part of this publication may be reproduced, stored in a
retrieval system, transmitted, or translated in any form or
by any means, electronic, mechanical, manual, optical, or
otherwise, without the prior written permission of ESS
Technology, Inc.
ESS Technology, Inc. makes no representations or
warranties regarding the content of this document.
All specifications are subject to change without prior
notice.
ESS Technology, Inc. assumes no responsibility for any
errors contained herein.
(P) U.S. Patent 4,214,125 and others, other patents
pending.
VideoDrive
TM is a trademark of ESS Technology, Inc.
MPEG is the Moving Picture Experts Group of the ISO/
IEC.
All other trademarks are owned by their respective
holders and are used for identification purposes only.
ORDERING INFORMATION
MECHANICAL DIMENSIONS
Part Number
Description
Package
ES4318
DVD Processor
208-pin TQFP
see detail
A
E
E1
E3
152
157
208
Index
53
104
D
D1
D3
105
Pin 1
Note:
1. All dimensions are in inches
(millimeter).
2. Actual package used has millimeter
native dimensions – take care with
rounding from metric to imperial.
Symbol
Min
Nom
Max
A
––
0.165
A1
0.010
(0.25)
––
A2
0.130
(3.30)
0.134
(3.40)
0.138
(3.50)
B0.007
(0.18)
0.009
(0.23)
0.011
(0.28)
C0.005
(0.12)
0.006
(0.16)
0.008
(0.20)
D1.195
(30.35)
1.205
(30.60)
1.215
(30.85)
D1
1.098
(27.90)
1.102
(28.00)
1.106
(28.10)
D3
1.004 (25.50) REF
e
0.0197 (0.50) BASIC
E1.195
(30.35)
1.205
(30.60)
1.215
(30.85)
E1
1.098
(27.90)
1.102
(28.00)
1.106
(28.10)
e
A1
A2
L
C
B
156
φ



Html Pages

1 2 3 4