| Moteur de recherche de fiches techniques de composants électroniques |
|
DG540AP/883 Fiches technique(PDF) 5 Page - TEMIC Semiconductors |
|
|
|||||||||||||||||||||||||||||
DG540AP/883 Fiches technique(HTML) 5 Page - TEMIC Semiconductors |
|
5 / 10 page ![]() DG540/541/542 Siliconix S-53694—Rev. E, 28-May-97 5 Typical Characteristics Supply Curent vs. Temperature ID(off), IS(off) vs. Temperature rDS(on) vs. Drain Voltage V+ Constant V– Constant Temperature ( _C) Temperature ( _C) VD – Drain Voltage (V) V– – Negative Supply (V) V+ – Positive Supply (V) 6 5 4 3 2 1 0 –1 –2 –3 –4 –5 –55 –35 –15 5 25 45 65 85 105 125 IGND 0 –55 125 100 nA 10 nA 1 nA 100 pA 10 pA 1 pA 0.1 pA –25 25 50 75 100 160 140 120 100 80 60 40 20 0 –3 –1 1 3 5 7 9 11 V+ = 15 V V– = –3 V 125 _C –55 _C 42 40 38 36 34 32 30 20 18 10 11 12 13 14 15 16 42 40 38 36 34 32 30 20 18 –5 –4 –3 –2 –1 0 V+ = 12 V V+ = 15 V V– = –5 V V– = –1 V V+ = 10 V I– I+ 25 _C V– = –3 V On Capacitance Off Isolation VD – Drain Voltage (V) f – Frequency (MHz) 22 20 18 16 14 12 10 8 6 0 2 4 6 8 10 12 14 1 10 100 –110 –100 –90 –80 –70 –60 –50 –40 –30 –20 –10 DG541 DG540 DG542 |