| Moteur de recherche de fiches techniques de composants électroniques |
|
TLE6285G Fiches technique(PDF) 20 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE6285G Fiches technique(HTML) 20 Page - Infineon Technologies AG |
|
20 / 23 page ![]() Target Data TLE 6285 Version 1.02 20 2002-05-15 Sense Threshold V si versus Temperature T j Current Consumption I q versus Output Current I Q Output Current Limit I Q versus Input Voltage V I Current Consumption I q versus Output Current I Q 1.0 -40 j T AED02933 1.1 1.2 1.3 1.4 1.5 1.6 40 0 80 160 120 ˚C V Si V Sense Output High Sense Output Low 0 0 Q I AED02931 mA q I 0.2 0.4 0.6 0.8 1.0 10 20 30 40 60 mA AED03110 0 Ι Q mA 10 20 30 40 V50 0 =25 C Ι V 50 100 150 200 250 300 350 C 125 = j T j T 0 0 Q I AED02932 50 100 150 200 mA mA q I 1 2 3 4 5 |