| Moteur de recherche de fiches techniques de composants électroniques |
|
UT54ACTS04E Fiches technique(PDF) 5 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT54ACTS04E Fiches technique(HTML) 5 Page - Aeroflex Circuit Technology |
|
5 / 7 page ![]() Packaging 1. All exposed metallized areas are gold plated over electroplated nickel per MIL-PRF-38535. 2. The lid is electrically connected to VSS. 3. Lead finishes are in accordance with MIL-PRF- 38535. 4. Dimension symbol is in accordance with MIL- PRF-38533. 5. Lead position and colanarity are not measured. Figure 1. 14-lead Flatpack |