Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLE6263 Fiches technique(PDF) 10 Page - Infineon Technologies AG

No de pièce TLE6263
Description  LS CAN, LDO and HS Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6263 Fiches technique(HTML) 10 Page - Infineon Technologies AG

Back Button TLE6263 Datasheet HTML 6Page - Infineon Technologies AG TLE6263 Datasheet HTML 7Page - Infineon Technologies AG TLE6263 Datasheet HTML 8Page - Infineon Technologies AG TLE6263 Datasheet HTML 9Page - Infineon Technologies AG TLE6263 Datasheet HTML 10Page - Infineon Technologies AG TLE6263 Datasheet HTML 11Page - Infineon Technologies AG TLE6263 Datasheet HTML 12Page - Infineon Technologies AG TLE6263 Datasheet HTML 13Page - Infineon Technologies AG TLE6263 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Final Datasheet TLE 6263
Version 2.08
10
2004-06-07
Figure 4:
CAN Network Example
Receive-only Mode
The receive only mode is designed for a special test procedure to check the bus
connections. Figure 5 shows a network consisting of 5 nodes. If the connection between
node 1 and node 3 shall be tested, the nodes 2,4 and 5 are switched into receive only
mode. Node 1 and node 3 are in normal mode. If node 1 sends a message, node 3 is the
only node which can acknowledge the message, the other nodes can only listen but
cannot send an acknowledge bit. If node 1 receives the acknowledge bit from node 3,
the connection is OK.
Figure 5:
Testing the Bus Connection in Receive-only Mode
Controller 1
RxD1
BUS Line
Transceiver1
TxD1
Controller 2
RxD2
Transceiver2
TxD2
1
2
5
4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40