Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UT699CEA Fiches technique(PDF) 39 Page - Aeroflex Circuit Technology

No de pièce UT699CEA
Description  UT699 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AEROFLEX [Aeroflex Circuit Technology]
Site Internet  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT699CEA Fiches technique(HTML) 39 Page - Aeroflex Circuit Technology

Back Button UT699CEA Datasheet HTML 33Page - Aeroflex Circuit Technology UT699CEA Datasheet HTML 34Page - Aeroflex Circuit Technology UT699CEA Datasheet HTML 35Page - Aeroflex Circuit Technology UT699CEA Datasheet HTML 36Page - Aeroflex Circuit Technology UT699CEA Datasheet HTML 37Page - Aeroflex Circuit Technology UT699CEA Datasheet HTML 38Page - Aeroflex Circuit Technology UT699CEA Datasheet HTML 39Page - Aeroflex Circuit Technology UT699CEA Datasheet HTML 40Page - Aeroflex Circuit Technology UT699CEA Datasheet HTML 41Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
39
UT699 LEON 3FT: SMD
Lead Finish: (NOTE 1)
(C)
=
Gold
(A) =
Solder
Case Outline:
(X) =
352-Ceramic Quad Flat Package, Top Brazed
(Y) =
484-Ceramic Land Grid Array Package
(Z)
=
484-Ceramic Column Grid Array Package
Screening Level:
(Q) =
QML Class Q
(V) =
QML Class V
Device Type:
(01) =
UT699 (Temperature range: -40oC to +105oC)
Drawing Number:
08228
Total Dose:
(R)
=
1E5 rad(Si)
Federal Stock Class Number: No Options
5962
*
08228
**
*
*
*
Notes:
1. Lead finish is “C” (gold) only for case outlines "X" and "Y". Lead finish is "A" (solder) only for case outline "Z".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41