Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UT699CPA Fiches technique(PDF) 34 Page - Aeroflex Circuit Technology

No de pièce UT699CPA
Description  UT699 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AEROFLEX [Aeroflex Circuit Technology]
Site Internet  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT699CPA Fiches technique(HTML) 34 Page - Aeroflex Circuit Technology

Back Button UT699CPA Datasheet HTML 30Page - Aeroflex Circuit Technology UT699CPA Datasheet HTML 31Page - Aeroflex Circuit Technology UT699CPA Datasheet HTML 32Page - Aeroflex Circuit Technology UT699CPA Datasheet HTML 33Page - Aeroflex Circuit Technology UT699CPA Datasheet HTML 34Page - Aeroflex Circuit Technology UT699CPA Datasheet HTML 35Page - Aeroflex Circuit Technology UT699CPA Datasheet HTML 36Page - Aeroflex Circuit Technology UT699CPA Datasheet HTML 37Page - Aeroflex Circuit Technology UT699CPA Datasheet HTML 38Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
34
6.0 Packaging
Figure 16. 352-lead Ceramic Quad Flatpack with Top-Brazed Leads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41