Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UT699SPA Fiches technique(PDF) 6 Page - Aeroflex Circuit Technology

No de pièce UT699SPA
Description  UT699 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AEROFLEX [Aeroflex Circuit Technology]
Site Internet  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT699SPA Fiches technique(HTML) 6 Page - Aeroflex Circuit Technology

Back Button UT699SPA Datasheet HTML 2Page - Aeroflex Circuit Technology UT699SPA Datasheet HTML 3Page - Aeroflex Circuit Technology UT699SPA Datasheet HTML 4Page - Aeroflex Circuit Technology UT699SPA Datasheet HTML 5Page - Aeroflex Circuit Technology UT699SPA Datasheet HTML 6Page - Aeroflex Circuit Technology UT699SPA Datasheet HTML 7Page - Aeroflex Circuit Technology UT699SPA Datasheet HTML 8Page - Aeroflex Circuit Technology UT699SPA Datasheet HTML 9Page - Aeroflex Circuit Technology UT699SPA Datasheet HTML 10Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
6
2.4 Check Bits
2.5 Memory Control Signals
Pin Name
Direction
Pin Number
Reset
Value
Description
352 CQFP
484 CLGA
CB[0]
I/O
89
V19
high-Z
Bit 0 of EDAC checkbits
CB[1]
I/O
90
AA21
high-Z
Bit 1 of EDAC checkbits
CB[2]
I/O
91
Y21
high-Z
Bit 2 of EDAC checkbits
CB[3]
I/O
92
W19
high-Z
Bit 3 of EDAC checkbits
CB[4]
I/O
93
Y22
high-Z
Bit 4 of EDAC checkbits
CB[5]
I/O
94
W20
high-Z
Bit 5 of EDAC checkbits
CB[6]
I/O
96
W22
high-Z
Bit 6 of EDAC checkbits
CB[7]
I/O
97
W21
high-Z
Bit 7 of EDAC checkbits
Pin Name
Direction
Pin Number
Reset
Value
Description
352 CQFP
484 CLGA
WRITE
O
98
V21
high
PROM and I/O write enable strobe
OE
O
99
U19
high
PROM and I/O output enable
IOS
O
102
T20
high
I/O area chip select
ROMS[0]
O
103
V22
high
PROM chip select
ROMS[1]
O
104
U20
high
PROM chip select
RWE[0]
O
105
U22
high
SRAM write enable strobe
RWE[1]
O
108
T19
high
SRAM write enable strobe
RWE[2]
O
109
T22
high
SRAM write enable strobe
RWE[3]
O
110
T21
high
SRAM write enable strobe
RAMOE[0]
O
111
V20
high
SRAM output enable
RAMOE[1]
O
112
R21
high
SRAM output enable
RAMOE[2]
O
113
R20
high
SRAM output enable
RAMOE[3]
O
114
R22
high
SRAM output enable
RAMOE[4]
O
115
R19
high
SRAM output enable
RAMS[0]
O
117
P22
high
SRAM chip select
RAMS[1]
O
118
P20
high
SRAM chip select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41