Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

10-R0126PA025SC-M627F40 Fiches technique(PDF) 17 Page - Vincotech

No de pièce 10-R0126PA025SC-M627F40
Description  Clip-in PCB mounting (optional)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VINCOTECH [Vincotech]
Site Internet  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-R0126PA025SC-M627F40 Fiches technique(HTML) 17 Page - Vincotech

Back Button 10-R0126PA025SC-M627F40 Datasheet HTML 9Page - Vincotech 10-R0126PA025SC-M627F40 Datasheet HTML 10Page - Vincotech 10-R0126PA025SC-M627F40 Datasheet HTML 11Page - Vincotech 10-R0126PA025SC-M627F40 Datasheet HTML 12Page - Vincotech 10-R0126PA025SC-M627F40 Datasheet HTML 13Page - Vincotech 10-R0126PA025SC-M627F40 Datasheet HTML 14Page - Vincotech 10-R0126PA025SC-M627F40 Datasheet HTML 15Page - Vincotech 10-R0126PA025SC-M627F40 Datasheet HTML 16Page - Vincotech 10-R0126PA025SC-M627F40 Datasheet HTML 17Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
10-R01126PA008SC-M627F40
10-RZ1126PA008SC-M627F41
DISCLAIMER
LIFE SUPPORT POLICY
As used herein:
The information given in this datasheet describes the type of component and does not represent assured characteristics. For tested
values please contact Vincotech.Vincotech reserves the right to make changes without further notice to any products herein to improve
reliability, function or design. Vincotech does not assume any liability arising out of the application or use of any product or circuit
described herein; neither does it convey any license under its patent rights, nor the rights of others.
Vincotech products are not authorised for use as critical components in life support devices or systems without the express written
approval of Vincotech.
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or
sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in labelling can be
reasonably expected to result in significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to
cause the failure of the life support device or system, or to affect its safety or effectiveness.
copyright Vincotech
17
Revision: 2
Copyright by Vincotech



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17