Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54F821 Fiches technique(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce 54F821
Description  10-Bit D-Type Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F821 Fiches technique(HTML) 5 Page - National Semiconductor (TI)

  54F821 Datasheet HTML 1Page - National Semiconductor (TI) 54F821 Datasheet HTML 2Page - National Semiconductor (TI) 54F821 Datasheet HTML 3Page - National Semiconductor (TI) 54F821 Datasheet HTML 4Page - National Semiconductor (TI) 54F821 Datasheet HTML 5Page - National Semiconductor (TI) 54F821 Datasheet HTML 6Page - National Semiconductor (TI) 54F821 Datasheet HTML 7Page - National Semiconductor (TI) 54F821 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
74F
821
S
C
X
Temperature Range Family
Special Variations
74FeCommercial FAST
QB e Military grade device with
54FeMilitary FAST
environmental and burn-in
processing
Device Type
X e Devices ship in 13 reel
Package Code
Temperature Range
SP e
Slim Plastic DIP
CeCommercial (0 Cto a70 C)
SD e
Slim Ceramic DIP
MeMilitary (b55 Cto a125 C)
F e
Flatpak
L e
Leadless Chip Carrier (LCC)
S e
Small Outline (SOIC)
5



Html Pages

1 2 3 4 5 6 7 8