| Moteur de recherche de fiches techniques de composants électroniques |
|
UT54ACTS02 Fiches technique(PDF) 1 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT54ACTS02 Fiches technique(HTML) 1 Page - Aeroflex Circuit Technology |
|
1 / 9 page ![]() 1 Standard Products UT54ACS02/UT54ACTS02 Quadruple 2-Input NOR Gates Datasheet November, 2010 www.aeroflex.com/logic FEATURES 1.2μ CMOS - Latchup immune High speed Low power consumption Single 5 volt supply Available QML Q or V processes Flexible package - 14-pin DIP - 14-lead flatpack UT54ACS02 - SMD 5962-96514 UT54ACTS02 - SMD 5962-96515 DESCRIPTION The UT54ACS02 and the UT54ACTS02 are quadruple, two- input NOR gates. The circuits perform the Boolean functions Y = A + B or Y = A ⋅ B in positive logic. The devices are characterized over full military temperature range of -55 °C to +125°C. FUNCTION TABLE LOGIC SYMBOL PINOUTS 14-Pin DIP Top View 14-Lead Flatpack Top View LOGIC DIAGRAM INPUTS OUTPUT A B Y H X L X H L L L H Y1 (1) (4) Y2 Y3 (10) (13) Y4 (2) A1 (3) B1 (5) A2 (6) B2 (8) A3 (9) B3 (11) A4 (12) B4 Note: 1. Logic symbol in accordance with ANSI/IEEE standard 91-1984 and IEC Publication 617-12. ≥1 1 2 3 4 5 7 6 14 13 12 11 10 8 9 Y1 A1 B1 Y2 A2 B2 VSS VDD Y4 B4 A4 Y3 B3 A3 1 2 3 4 5 7 6 14 13 12 11 10 8 9 Y1 A1 B1 Y2 A2 B2 VSS VDD Y4 B4 A4 Y3 B3 A3 B4 A4 Y4 B3 A3 Y3 A1 B1 Y1 A2 B2 Y2 |
Numéro de pièce similaire - UT54ACTS02 |
|
Description similaire - UT54ACTS02 |