| Moteur de recherche de fiches techniques de composants électroniques |
|
TLE4925 Fiches technique(PDF) 18 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4925 Fiches technique(HTML) 18 Page - Infineon Technologies AG |
|
18 / 25 page ![]() PRELIMINARY Page 18 of 25 Figure 14 System Operation with hidden hysteresis S (N) N (S) Pin 1 (Vs) Pin 3 (Q) B2 B1 Branded Side Crankshaft Wheel Profile Large airgap Small airgap Magnetic Field Difference ∆B=B1-B2 Output Signal VQ Enabling point for releasing output: B1-B2> ∆B ENRP switches the output OFF (V Q=HIGH) Enabling point for operate point: B1-B2< ∆B ENOP switches the output ON (V Q=LOW) ∆B HYS=| ∆B ENOP- ∆B ENRP| Outside of a permanent magnet the magnetic induction (=flux density) points from north to the south pole. It is common to define positive flux if the south pole of a magnet is on the branded side of the IC. This is equivalent to the north pole of the magnet on the rear side of the IC. ∆B ENRP=-1mT ∆B ENOP=1mT Hidden Hysteresis ∆B HYS=2mT |