| Moteur de recherche de fiches techniques de composants électroniques |
|
TLE4935-2L Fiches technique(PDF) 9 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4935-2L Fiches technique(HTML) 9 Page - Infineon Technologies AG |
|
9 / 15 page ![]() TLE 4905 L; TLE 4935 L; TLE 4935-2 L; TLE 4945 L; TLE 4945-2L Data Sheet 9 2000-07-01 Note: The listed characteristics are ensured over the operating range of the integrated circuit. Typical characteristics specify mean values expected over the production spread. If not otherwise specified, typical characteristics apply at T j =25 °C and the given supply voltage. Junction Temperature T j = 150 °C Turn-ON induction Turn-OFF induction Hysteresis (B OP-BRP) B OP B RP ∆B HY 6 4 2 17 14 5 10 – 20 20 20 – 10 40 12 – 25 24 25 – 12 50 – 6 – 10 2 10 6 10 – 3 – 6 1 6 3 5 mT mT mT Magnetic Characteristics (cont’d) 3.8 V ≤ V S ≤ 24 V Parameter Symbol Limit Values Unit TLE 4905 unipolar TLE 4935 bipolar latch TLE 4935-2 bipolar latch TLE 4945 bipolar switch TLE 4945-2 bipolar switch min. max. min. max. min. max. min. max. min. max. |