| Moteur de recherche de fiches techniques de composants électroniques |
|
SC4808BIMSTR Fiches technique(PDF) 20 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC4808BIMSTR Fiches technique(HTML) 20 Page - Semtech Corporation |
|
20 / 31 page ![]() 20 2005 Semtech Corp. www.semtech.com SC4808A/B POWER MANAGEMENT Application Information (Cont.) Below the benefits from the slope compensation become apparent. The top wave form shows the stable operation before the perturbation. The second wave form shows the perturbation and the instability caused from it if no slope compensation is added to the current information. The last wave form shows the slope compensation and the effect of it. The increase in the slope of the current information results in an early termination of the inductor current, hence a reduction in the amount of error. As the cycle is repeated, the perturbation is reduced and finally eliminated. Stable current mode operation with Slope Compensation I L ∆ : Inductor current : Small Inductor current perturbation I L ∆ D>50% i L δ : Sensed Mosfet current I Sense I Sense i L δ i L δ Stable operation ( no perturbation) Instable operation ( with perturbation) Stable operation (Slope Compensation Added) I L ∆ I Sense I L ∆ I CS Error Signal from Error amplifier Error Signal from Error amplifier I CS : Summation of Isense and slope compensation, at the CS pin of the SC4808. Error Signal from Error amplifier Note: After a few cycles the perturbation disappears and stable operation returns. Note: After a few cycles the perturbation becomes larger, and causes instability. |