Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC221 Fiches technique(PDF) 2 Page - Semtech Corporation

No de pièce SC221
Description  Synchronous Step-Down Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC221 Fiches technique(HTML) 2 Page - Semtech Corporation

  SC221 Datasheet HTML 1Page - Semtech Corporation SC221 Datasheet HTML 2Page - Semtech Corporation SC221 Datasheet HTML 3Page - Semtech Corporation SC221 Datasheet HTML 4Page - Semtech Corporation SC221 Datasheet HTML 5Page - Semtech Corporation SC221 Datasheet HTML 6Page - Semtech Corporation SC221 Datasheet HTML 7Page - Semtech Corporation SC221 Datasheet HTML 8Page - Semtech Corporation SC221 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
SC221 x
Pin Configuration
Marking Information
Ordering Information
Device
Package
SC221ULTRT (1)(2)
MLPD-UT 8 Lead
SC221EVB
Evaluation Board
Notes:
(1) Available in tape and reel only. A reel contains 3000 devices.
(2) Device is lead-free, halogen-free, and RoHS/WEEE compliant.
SW
PVIN
VOUT
FB
PGND
AGND
AVIN
EN
MLPD-UT 8 Lead, θ
JA = 38 °C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14