Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC171MLTRT Fiches technique(PDF) 21 Page - Semtech Corporation

No de pièce SC171MLTRT
Description  Regulator with Optional Ultrasonic Power Save
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC171MLTRT Fiches technique(HTML) 21 Page - Semtech Corporation

Back Button SC171MLTRT Datasheet HTML 17Page - Semtech Corporation SC171MLTRT Datasheet HTML 18Page - Semtech Corporation SC171MLTRT Datasheet HTML 19Page - Semtech Corporation SC171MLTRT Datasheet HTML 20Page - Semtech Corporation SC171MLTRT Datasheet HTML 21Page - Semtech Corporation SC171MLTRT Datasheet HTML 22Page - Semtech Corporation SC171MLTRT Datasheet HTML 23Page - Semtech Corporation SC171MLTRT Datasheet HTML 24Page - Semtech Corporation SC171MLTRT Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
© 2010 Semtech Corporation
inner layers to expand the heat sinking area.
On the bottom layer, the resistor network composed of
R3 and R4 determines the output voltage. C7 is the feed
forward capacitor which helps to stabilize the circuit. R6
in series with C9 is connected to the LX pin (through the
via) to the power ground. C8 is the coupling capacitor
which injects the ramp signal generated on C9 to the FB
pin of the SC171. R7 is the pull up resistor for the PGOOD
pin.
21
SC171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27