Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPP07N65C3 Fiches technique(PDF) 13 Page - Infineon Technologies AG

No de pièce SPP07N65C3
Description  Cool MOS??Power Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP07N65C3 Fiches technique(HTML) 13 Page - Infineon Technologies AG

Back Button SPP07N65C3 Datasheet HTML 6Page - Infineon Technologies AG SPP07N65C3 Datasheet HTML 7Page - Infineon Technologies AG SPP07N65C3 Datasheet HTML 8Page - Infineon Technologies AG SPP07N65C3 Datasheet HTML 9Page - Infineon Technologies AG SPP07N65C3 Datasheet HTML 10Page - Infineon Technologies AG SPP07N65C3 Datasheet HTML 11Page - Infineon Technologies AG SPP07N65C3 Datasheet HTML 12Page - Infineon Technologies AG SPP07N65C3 Datasheet HTML 13Page - Infineon Technologies AG SPP07N65C3 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
2004-04-07
Rev. 1.0
Page 13
SPP07N65C3, SPI07N65C3
SPA07N65C3
P-TO-262-3-1 (I2-PAK)
B
A
0.25 M
Typical
2.54
3 x 0.75 ±0.1
1.05
1.27
B
0.05
1)
Metal surface min. X = 7.25, Y = 6.9
C
10 ±0.2
C
2.4
0.5 ±0.1
All metal surfaces tin plated, except area of cut.
8.5
1)
2 x
4.4
0...0.15
0...0.3
2.4
A
P-TO-220-3-31 (FullPAK)
Please refer to mounting instructions (application note AN-TO220-3-31-01)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14