Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SX8661Z Fiches technique(PDF) 40 Page - Semtech Corporation

No de pièce SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Fiches technique(HTML) 40 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 36Page - Semtech Corporation SX8661Z Datasheet HTML 37Page - Semtech Corporation SX8661Z Datasheet HTML 38Page - Semtech Corporation SX8661Z Datasheet HTML 39Page - Semtech Corporation SX8661Z Datasheet HTML 40Page - Semtech Corporation SX8661Z Datasheet HTML 41Page - Semtech Corporation SX8661Z Datasheet HTML 42Page - Semtech Corporation SX8661Z Datasheet HTML 43Page - Semtech Corporation SX8661Z Datasheet HTML 44Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
40
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
VANA, VDIG
The SX8661Z has on-chip regulators for internal use (pins VANA and VDIG).
VANA and VDIG have protection to VDD and to GND.
The output of the regulators needs to be de-coupled with a small 100nF capacitor to ground.
Figure 48 shows a simplified diagram of the VANA and VDIG pin.
Figure 48
Simplified diagram of VANA and VDIG
4.5
General purpose IO pins
The SX8661Z has 8 General purpose input/output (GPIO) pins.
All the GPIO pins have protection to VDD and GND.
The GPIO pins can be configured as GPO, SPO or GPP.
Figure 49 shows a simplified diagram of the GPIO pins.
SX8661Z
VDD
Rup
ctrl
Rdown
GPIO7...0
ctrl
GPO,
GPP,
SPO
VDD
GPOdata
PWM
ctrl
GPO,
GPP,
SPO
VDD
Figure 49
Simplified diagram of GPIO pins
VDD
SX8661Z
GND
VDIG
VDD
GND
VANA
VANA
VDIG
Cvdig
Cvana



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87