| Moteur de recherche de fiches techniques de composants électroniques |
|
74F410 Fiches technique(PDF) 5 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
74F410 Fiches technique(HTML) 5 Page - National Semiconductor (TI) |
|
5 / 8 page ![]() Ordering Information The device number is used to form part of a simplified purchasing code where a package type and temperature range are defined as follows 74F 410 S C X Temperature Range Family Special Variations 74F e Commercial X e Devices shipped in 13 reels 54F e Military QB e Military grade device with environmental and burn-in Device Type processing Package Code Temperature Range P e Plastic DIP C e Commercial (0 Cto a70 C) S e Small Outline (SOIC) M e Military (b55 Cto a125 C) D e Ceramic DIP L e Package Leadless Chip Carrier 5 |