| Moteur de recherche de fiches techniques de composants électroniques |
|
EX77424-64VT Fiches technique(PDF) 3 Page - Axiomtek Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
EX77424-64VT Fiches technique(HTML) 3 Page - Axiomtek Co., Ltd. |
|
3 / 6 page ![]() EX77000 Series www.EtherWAN.com 3 rev. A4 Interface EthernetPort •10/100BASE-TX: 24, 20, 16, 12, 8, 4 or 0 port •100BASE-FX: 0, 4, 8, 12, 16, 20 or 24 ports •100BASE-SFP: 0 or 24 ports •10/100/1000BASE TX or 1000BASE SX/LX: 0, 2 or 4 ports •Gigabit-SFP Combo: 0 or 4 ports ConsolePort •Port: One DB9 RS-232 port LEDIndicators •Per Unit: Power •Per Port: Link/Activity (Green) •Per SFP port: Selected (Green) Environment OperatingTemperature •-40°C to 75°C (-40°F to 167°F) Tested @ -40°C to 85°C (-40°F to 185°F) StorageTemperature •-45°C to 85°C (-49°F to 185°F) AmbientRelativeHumidity •5% to 95% (non-condensing) RegulatoryApprovals ISO •Manufactured in an ISO9001 facility EMI FCCPart15B,ClassA EN61000-6-4 EN55022 EN61000-3-2 EN61000-3-3 EMS EN61000-6-2 •EN61000-4-2 (ESD Standards) •EN61000-4-3 (RFI Standards) •EN61000-4-4 (Burst Standards) •EN61000-4-5 (Surge Standards) •EN61000-4-6 (Induced RFI Standards) •EN61000-4-8 (Magnetic Field Standards) EnvironmentalTestCompliance IEC60068-2-6Fc(VibrationResistance) IEC60068-2-27Ea(Shock) FEDSTD101CMethod5007.1(Freefallw/package) IndustrialCompliance NEMATS2 Hardware Specifications Technology Standards •IEEE802.3 10BASE-T •IEEE802.3u 100BASE-TX/100BASE-FX •IEEE802.3ab 1000BASE-T •IEEE802.3z 1000BASE-SX/1000BASE-LX •IEEE802.3x Full duplex and flow control •IEEE802.1p QoS •IEEE802.1Q Tag VLANs •IEEE802.1w RSTP •IEEE802.1x Port-based Network Access Control ForwardandFilteringRate •14,880pps for 10Mbps •148,810pps for 100Mbps •1,488,100pps for 1000Mbps PacketBufferMemory •3M bits ProcessingType •Store-and-Forward •Auto Negotiation •Half-duplex back-pressure and IEEE802.3x full-duplex flow control •Auto MDI/MDIX AddressTableSize •8192 MAC addresses Power Input •(T): + / - 48VDC (36 - 75VDC) Internal Universal PSU •(W): 88 - 370VDC and 90 - 264VAC Internal Universal PSU •(C): 90 - 264VAC, 50 - 60Hz Internal Universal PSU PowerConsumption •42.7W Max. Mechanical Casing •Metal Case •IP30 Dimensions •Single Power: 442mm (W) x 250mm (D) x 44.2mm (H) (7.4" (W) x 9.8" (D) x 1.74" (H)) •Redundant Power: 442mm (W) x 375mm (D) x 44.2mm (H) 17.4"(W) x 14.7" (D) x 1.74"(H) Weight •6.2Kg (13.7lbs) Installation •Rack mounting |